Part Number Hot Search : 
2SJ20007 MT9171 NCP18 HN3C18F SKM300G 645TS MCH6608 LT1399
Product Description
Full Text Search
 

To Download SF8A06F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Glass Passivated Super Fast Recovery Rectifier
SF8A01F-G THRU SF8A06F-G
Voltage Range 50 to 600 V Current 8.0 Ampere Features Fast switching for high efficiency Low forward voltage drop High current capability Low reverse leakage current High surge current capability Mechanical Data Case: Molded plastic ITO-220AC Epoxy: UL 94V-0 rate flame retardant Terminals: Solderable per MIL-STD-202 method 208 Polarity:Color band denotes cathode Mounting position: Any Weight: 1.16 grams ITO-220AC
.113(2.87) .103(2.62) .185(4.70) .175(4.44) MAX.412(10.5) DIA .140(3.56) .130(3.30)
1.25(3.18) 1.15(2.92)
PIN 1
MAX.0.05(1.5)
2
.16(4.06) .14(3.56)
.56(14.22) .53(13.46)
.27(6.86) .23(5.84)
.594(15.1) .587(14.9)
.037(0.94) .027(0.68) 1 2
.11(2.79) .10(2.54)
.205(5.20) .195(4.95)
.025(0.64) .014(0.35)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TC=100 C Peak Forward Surge Current, 8.3ms single Half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 8.0 A Maximum DC Reverse Current @TJ=25 C At Rated DC Blocking Voltage @TJ=125 C Maximum Reverse Recovery Time (Note 1) Typical junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating Junction and Storage Temperature Range
o o o
SF 8A01F 50 35 50
SF 8A02F 100 70 100
SF 8A03F 200 140 200 8.0
SF 8A04F 300 210 300
SF 8A05F 400 280 400
SF 8A06F 600 420 600
UNIT V V V A
VRRM VRMS VDC IF(AV)
IFSM
125
A
VF
0.95 10.0 250 35 65 2.2 -55 to +150
1.3
1.5
V uA uA
IR Trr CJ R JC TJ, TSTG
50
nS pF
o
CW
o
C
NOTES : (1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A. (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC. (3) Thermal Resistance junction to case.
COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 657-8921
Glass Passivated Super Fast Recovery Rectifier
RATINGS AND CHARACTERISTIC CURVES SF8A01F-G THRU SF8A06F-G
FIG.1 - FORWARD CURRENT DERATING CURVE
8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 50 100
o
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
125
PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
Pulse Width 8.3ms Single Half-Sire-Wave (JEDEC Method)
100
75
50
25
60 Hz Resistive or Inductive load 150
0 1 10 100
CASE TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, AMPERES
10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
1000
SF8A01F-G-SF8A03F-G
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
100
TJ=125 C
o
1.0 SF8A04F-G-SF8A05F-G
10 TJ=25 C 1
o
SF8A06F-G 0.1
0.01 0.2 0.4 0.6 0.8
TJ=25 C PULSE WIDTH=300uS 1% DUTY CYCLE 1.0 1.2 1.4 1.6
o
0.1 0 20 40 60 80 100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
JUNCTION CAPACITANCE, pF
TJ = 25 C f = 1.0 MHZ Vsig = 50mVp-p
o
100
10 0.1 1.0 4.0 10 100
REVERSE VOLTAGE, VOLTS
COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 657-8921


▲Up To Search▲   

 
Price & Availability of SF8A06F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X